Part Number Hot Search : 
ASI10835 23N60UF 16FR160 HHM1711 P6SMB31A 2N334 GBPC35S MUR22
Product Description
Full Text Search
 

To Download 11EQ09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
:11EQ09 Type :11EQ09
OUTLINE DRAWING
FEATURES
* Miniature Size * Low Forward Voltage drop * Low Power Loss, High Efficiency * High Surge Capability * 40 Volts thru 100 Volts Types Available * 26mm&52mm Inside Tape Spacing Package Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Without Fin or Average Rectified P.C.Board Output Current P.C.Board mounted RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Symbol VRRM IO IF(RMS) IFSM Tjw Tstg Symbol IRM VFM 40 1.0 1.0
Approx Net Weight:0.21g 11EQ09 90 Ta=30C* Ta=60C* 50Hz Half Sine Wave Resistive Load Unit V A A A C C Unit mA V C/W
1.57 50Hz Half Sine Wave,1cycle, Non-repetitive - 40 to + 150 - 40 to + 150 Conditions Min. Typ. Max. 0.5 0.85 140 105
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A Without Fin or P.C.Board Thermal Resistance (Junction to Ambient) Rth(j-a) P.C.Board mounted *:Print Lands=5x5mm,Both Sides
11EQ09 OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
11EQ09
5
INSTANTANEOUS FORWARD CURRENT (A)
2 Tj=25C Tj=150C 1
0.5
0.2
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
11EQ09
D.C.
1.2
AVERAGE FORWARD POWER DISSIPATION (W)
1.0
0.8
RECT 180 HALF SINE WAVE RECT 120
0.6
RECT 60
0.4
0.2
0 0 0.4 0.8 AVERAGE FORWARD CURRENT (A) 1.2 1.6
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 5 11EQ09
PEAK REVERSE CURRENT (mA)
2
1 0 20 40 60 80 100 PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
11EQ09
0.35
AVERAGE REVERSE POWER DISSIPATION (W)
D.C.
0.30
RECT 300
0.25
RECT 240
0.20
0.15
RECT 180
0.10
HALF SINE WAVE
0.05
0 0 20 40 60 80 100 REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
W it h o u t F in o r P . C . B o a r d ,V R M = 9 0 V 11EQ09
1.6
D.C.
AVERAGE FORWARD CURRENT (A)
1.2
RECT 180. HALF SINE WAVE RECT 120.
0.8
RECT 60.
0.4
0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
P . C . B o a rd m o u n te d (L = 3 m m ,P rin t L a n d = 1 0 x 1 0 m m ), V R M = 9 0 V 11EQ09
1.6
D.C.
AVERAGE FORWARD CURRENT (A)
1.2
RECT 180 HALF SINE WAVE RECT 120.
0.8
RECT 60.
0.4
0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load 11EQ09
40
SURGE FORWARD CURRENT (A)
30
20
10
I FSM 0.02s
0 0.02
0.05
0.1
0.2 TIME (s)
0.5
1
2
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
T j= 2 5 C ,V m = 2 0 m V R M S ,f = 1 0 0 k H z ,T yp ica l V a lu e 100 11EQ09
JUNCTION CAPACITANCE (pF)
50
20
10 0.5 1 2 5 10 20 50 100 REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of 11EQ09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X